PART |
Description |
Maker |
UN217 |
Transistor array to drive the small motor
|
PANASONIC[Panasonic Semiconductor]
|
UN227 |
Transistor array to drive the small motor
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
2SD1631 |
Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington power transistor) Micro Motor Drive Hammer Drive Applications Switching Applicati
|
TOSHIBA
|
M63826FP M63826GP M63826P M63826P/FP/GP |
Transistor Array 7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
2SK296802 2SK2968 |
Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) Relay Drive, DC .DC Converter and Motor Drive Applications DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
OM6407SD OM6406SD OM6408SD OM6405SD |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 200V V(BR)DSS | 8A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 500V V(BR)DSS | 4.5A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 400V V(BR)DSS | 5.5A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 400V五(巴西)直| 5.5AI(四)|计划生育 TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 8A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 100V的五(巴西)直| 8A条(丁)|计划生育
|
Mitsubishi Electric, Corp.
|
BA12003B BA12003BF BA12004B BA12001B BA12003B/BF |
Standard Linear LSIs > Transistor array High voltage high current Darlington transistor array High voltage, high current Darlington transistor array From old datasheet system
|
ROHM[Rohm]
|
2SB908 E000656 |
TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE, POWER AMPLIFIER APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MP4303 |
Power Transistor Module Silicon NPN Epitaxial Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching.
|
TOSHIBA
|
2SD1631 |
Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington power transistor) Micro Motor Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
|
TOSHIBA
|